Part Number Hot Search : 
60033 82001 UTI760A 60033 HER3001 2SC2020 TORX179 TDA1412
Product Description
Full Text Search
 

To Download HV832DB1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HV832DB1
HV832DB1 Dual EL Lamp Driver
Introduction
The Supertex HV832DB1 demo board contains all necessary circuitry to demonstrate the features of the HV832 dual EL lamp driver. Simply connect it to a power supply and a lamp as shown below. For additional assistance in designing EL driver circuits, please refer to application notes AN-H33 (effect of external components on performance of Supertex EL drivers), application note ANH44 (HV832 application circuits), and AN-H43 (EL lamp driver circuits to reduce lamp audible noise).
Specifications
Input Voltage Supply Current Lamp Size Range Lamp Frequency Converter Frequency 3.0V to 4.2V 40mA Max. Up to 2.7in2 417Hz 53.4KHz
Board Layout and Connections
VDD
CDD Ce
Re
EL1
Com
Com
EL2
Cs
HV832
Diode LX EN-SW
VIN
CIN
GND
Demo Board Connections:
Control lamp selection/Enable Input (EN-SW)
Various modes of the device are selected via the control pin/ENSW. Each logic pulse applied to the control pin/EN-SW will cause the device to change to the next mode. The sequence for the modes is: 1) EL1 on, 2) EL2 on, 3) both EL1 and EL2 on, and 4) device shuts down. This input may be connected to a mechanical switch, or to a logic circuit output that has a source impedance of less than 20K.
VIN Inductor Supply
Supplies the high voltage power converter. Connect to positive terminal of a power supply.
GND Circuit Ground
Connect to VDD and VIN negative terminals. Supply bypass capacitor for both VDD and VIN are provided on the demo board. External supply bypass capacitors are not necessary.
EL1 and EL2 Lamp Connections
Connects to lamps 1 and 2. Polarity is irrelevant.
VDD IC Supply
Supplies the HV832 EL driver IC. The supplied circuit is optimized for 3.0 to 4.2 volt operations. Connect to positive terminal of a power supply.
Com Lamp Connections
Connects to the other side of lamps 1 and 2. Polarity is irrelevant.
12/14/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
HV832DB1
HV832DB1 Schematic
EN-SW Ce** 10nF 10K Re** 1 EL1 2 VDD 0.1F 3 Control 4 GND HV832MG EL2 8 Com 7 EL Lamp 2 CS 6 LX 5 390H 4.7F 1N914* EL Lamp 1
+
VDD
-
+
VIN
3.3nF 100V
-
Lx = 390H MuRata (LQH32CN391K21) * Any (equivalent or better)> 90V, fast reverse recovery diode ** Re and Ce are used to prevent change in lamp selection due to use of mechanical switch which can have contact bounce.
Typical Performance
The specific external components used in the above circuit are LX=390H Murata (LQH32CN391K21), Cs= 3.3nF 100V NPO. The following was observed when driving a 0.93in2 Green lamp.
Lamp Selection Lamp 1 or 2 Both lamps Lamp 1 or 2 Both lamps Lamp 1 or 2 Both lamps Lamp 1 or 2 Both lamps Brightness ft-lm 11.75 10.64 11.34 417 9.82 11.64 10.29 12.43 11.58 cd/ m2 40.2 36.4 38.8 33.6 39.8 35.2 42.5 39.6
VDD(V) 3.3
VIN(V) 3.3
IIN(mA) 20.9 31.1 21.9 32.0 21.3 31.4 19.3 28.3
VCS(V) 80.7 73.0 78.4 70.1 79.8 72.3 85.2 81.0
fEL(Hz)
3.0
3.0
3.2
4.2
The following was observed when driving EL1=1.3in2 and EL2=0.93in2 Green lamps.
VDD(V)
VIN(V)
Lamp Selection EL1
IIN(mA) 23.8 20.9 34.2
VCS(V) 81.3 80.7 71.7
fEL(Hz)
Brightness ft-lm 10.79 cd/ m2 36.9 40.2 32.8
3.3
3.3
EL2 Both lamps
417
11.75 9.59
The above circuit may need to be optimized further based on specification of the lamp used.
12/13/01rev.4
(c)2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
2
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com


▲Up To Search▲   

 
Price & Availability of HV832DB1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X